PART |
Description |
Maker |
MC7815 MC7806 MC7809 MC7809CT MC7808CT MC7808ACT M |
3-terminal 1A positive volitage regulator 15 A 3.3-V Input Bus Termination Power Module for DDR/QDR Memory 10-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, PSFM3 3-Terminal 1A Positive Voltage Regulator 三端一正电压调节器 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 three-terminal positive voltage regulators 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 6-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Iso, Wide-Output, Adj Power Module w/TurboTrans 10-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 11-DIP MODULE -40 to 85 30 A, 5-V Input Wide-Output Adjust Plug-in Power Module 13-DIP MODULE -40 to 85 60 A, 3.3/5-V Input Non-Isolated Wide-Output Adjust Power Module 20-DIP MODULE -40 to 85 3-Terminal 1A Positive Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
LM340A LM340AT-5 7806 LM340AT-24 7808 7812 MC7808A |
16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE VOLTAGE REGULATORS 三端电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 6-A, 2.2V to 5.5V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 11-DIP MODULE -40 to 85 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85 THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
http:// MOTOROLA INC ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc
|
FMS6501MSA28 FMS650107 |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor
|
FMS650106 |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
VRBC-16F1AL VRBC-16F1A0 VRBC-16F1AW VRBC-16F1AX |
NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 1-OUTPUT 58.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output 非隔离式DC / DC转换.4 5.5 V输入0.75 3.63 V/16A输出
|
Bel Fuse, Inc. Bel Fuse Inc.
|
VRPB-10C25L |
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A 非隔离式DC / DC转换.3V输入/0.9V - 2.5V输出/ 10A
|
Bel Fuse, Inc.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
ISP620-4X ISP620-4XSM ISP620-4XGBSM ISP620-1 ISP62 |
1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 4 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS LTD
|
|